Part Number Hot Search : 
B1203 RFM8N18 MTE8081N ADR5045 MS322 AD679AJ LM39300 107004
Product Description
Full Text Search
 

To Download NE83C92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
DESCRIPTION
The NE83C92 is a low power BiCMOS coaxial transceiver interface (CTI) for Ethernet (10base5) and Thin Ethernet (10base2) local area networks. The CTI is connected between the coaxial cable and the Data Terminal Equipment (DTE) and consists of a receiver, transmitter, receive-mode collision detector, heartbeat generator and jabber timer (see Block Diagram). The transmitter output connects directly to a doubly terminated 50 cable, while the receiver output, collision detector output and transmitter input are connected to the DTE through isolation transformers. Isolation between the CTI and the DTE is an IEEE 802.3 requirement that can be met on signal lines by using a set of pulse transformers. Power isolation for the CTI is achieved using DC-to-DC conversion through a power transformer. The part is fully pin compatible with the industry standard 8392, but has substantially lower current consumption, is fully compliant with the IEEE802.3 standard, and has additional features such as automatic selection between AUI and coaxial connections, and requires no external pull-down resistors for local integrated MAU application. The NE83C92 is manufactured on an advanced BiCMOS process and is available with PLCC package which make it ideally suited to lap-top personal computers or systems where low power consumption, limited board space and jumperless design is required. Refer to selection flow chart for optimal application.
PIN CONFIGURATION
N Packages
CD+ CD- RX+ VEE VEE RX- TX+ TX-
1 2 3 4 5 6 7 8
16 CDS 15 TXO 14 RXI
13 VEE 12 RR- 11 RR+ 10 GND 9 HBE
A PACKAGE
CDS TXO CD+ CD- RX+ N/C RXI 25 24 23 22 21 20 19 12 13 RX- TX+ 14 15 16 17 18 GND GND HBE RR+ TX-
4 V EE 5 V EE 6 V EE 7 V EE 8 V EE 9 V EE 10 V EE 11
3
2
1
28 27 26 VEE V EE V EE V EE V EE V EE RR-
FEATURES
* Fully compliant with Ethernet II, IEEE 802.3 10BASE-5 and
10BASE-2, and ISO 8802/3 interface specifications
* 100% drop-in compatible with
industry standard 8392 sockets
* Optimal implementation can use 1 Watt DC-DC converter and
reduces external part count (local/integrated MAU requires no external pull-down resistors).
* High efficiency AUI drivers automatically power-down under idle
conditions to minimize current consumption
SD00308
* Automatically disabling AUI drivers when disconnecting coax
cable, allowing hardwiring of AUI connection and local/integrated CTI connection
* Available in 16-pin DIP, and 28-pin PLCC packages * Expanded version (NE83Q93) with 5 LED status drivers is * Full ESD protection * Power-on reset prevents glitches on coaxial cable during
power-up available for repeater and advanced system applications
* Smart squelch on data inputs eliminates false activations * Advanced BiCMOS process for extremely low power operation
ORDERING INFORMATION
DESCRIPTION 16-Pin Plastic Dual In-Line Package 28-Pin Plastic Leaded Chip Carrier
TEMPERATURE RANGE 0 to +70C 0 to +70C
ORDER CODE NE83C92N NE83C92A
DWG # SOT28-4 SOT261-3
1995 May 1
1
853-1736 15180
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
PIN DESCRIPTIONS
PIN NO. N PKG 1 2 3 6 7 8 9 11 12 14 15 16 10 4 5 13 PIN NO. PLCC 2 3 4 12 13 14 15 18 19 26 28 1 16 17 5 to 11 20 to 25 SYMBOL DESCRIPTION Collision Outputs. Balanced differential line driver outputs which send a 10MHz signal to the DTE in the event of a collision, jabber interrupt or heartbeat test. External pull-down resistors are optional with local/integrated MAU application. Receiver Outputs. Balanced differential line driver outputs which send the received signal to the DTE. External pull-down resistors are optional with local/integrated MAU application. Transmitter Inputs. Balanced differential line receiver inputs which accept the transmission signal from the DTE and apply it to the coaxial cable at TXO, once it meets Tx squelch threshold. Heartbeat Enable. The heartbeat function is disabled when this pin is connected to VEE and enabled when connected to GND or left floating. External Resistor. A 1k (1%) resistor connected between these pins establishes the signaling current at TXO. Receiver Input. This pin is connected directly to the coaxial cable. Received signals are equalized, amplified, and sent to the DTE through the RX pins, once it meets Rx squelch threshold. Transmitter Output. This pin is connected directly (Thin Ethernet) or through an external isolating diode (Ethernet) to the coaxial cable. Collision Detect Sense. Ground sense connection for the collision detection circuitry. This pin should be connected directly to the coaxial cable shield for standard Ethernet operation. Positive Supply Pin.
CD+ CD- RX+ RX- TX+ TX- HBE RR+ RR- RXI TXO CDS GND
VEE
Negative Supply Pins.
NOTE: 1. The IEEE 802.3 name for CD is CI; for RX is DI; for TX is DO.
1995 May 1
2
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
BLOCK DIAGRAM
COAX CABLE
DTE INTERFACE
RXI
BUFFER RECEIVER EQUALIZER
LINE DRIVER
RECEIVE PAIR (RX+, RX-)
4-POLE BESSEL LOW PASS FILTER
RECEIVER AC-DC SQUELCH TRANSMIT PAIR (TX+, TX-)
TXO CDS SENSE BUFFER
TRANSMITTER
TRANSMITTER SQUELCH
HEARTBEAT ENABLE
COLLISION COMPARATOR & HEARTBEAT GENERATOR 10MHz OSC JABBER TIMER LINE DRIVER COLLISION PAIR (CD+, CD-)
SD00274
ABSOLUTE MAXIMUM RATINGS
SYMBOL VEE VIN TSTG TSOLD TJ JA Supply voltage1 PARAMETER RATING -12 0 to -12 -65 to +150 +300 +150 60 UNIT V V
Voltage at any input1 Storage temperature range Lead soldering temperature (10sec.) Recommended max junction temperature2 Thermal impedance (N and A packages)
C C C C/W
NOTE: 1. 100% measured in production. 2. The junction temperature is calculated from the following expression: TJ = TA + JA [(VEE x 0.015 x nIDL) + (VEE x 0.018 x nRX) + (VEE x 0.066 x nTX)] where TA = Ambient temperature in C. JA = Thermal resistance of package. VEE = Normal operating supply voltage in volts. nIDL = Percentage of duty cycle idle nRX = Percentage of duty cycle receiving nTX = Percentage of duty cycle transmitting 1995 May 1 3
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
ELECTRICAL CHARACTERISTICS
VEE = -9V 6%; TA = 0C to +70C unless otherwise specified1,2. No external isolation LIMITS SYMBOL VUVL PARAMETER Under voltage lockout. Transceiver disabled for |VEE| < |VUVL| Supply current idle IEE IRXI ICDS VIH VIL IIH IIL ITDC ITAC ITX10 VTCOM VCD VDIS VOD VOB VOC VRS VTS RRXI CRXI RTXO RAUIZ RTX Supply current transmitting (without collision) Receive input bias current Cable sense input bias current HBE input HIGH voltage HBE input LOW voltage HBE input HIGH current HBE input LOW current Transmit output DC current level3 Transmit output AC current level3 Transmit current Transmitter output voltage compliance4 Collision threshold5 Measured by applying DC voltage at RXI (CDS = 0V) Measured as DC voltage at RXI 600 -1450 -1530 VTXO = -10V VHBE = 0V VHBE = VEE -30 -37 28 -250 -45 ITDC +250 -3.7 -1580 Without external pull-down resistors VRXI = 0V VCDS = 0V VEE +2.4 VEE +1.6 +10 -2 +1 TEST CONDITIONS MIN TYP -7.5 -15 -70 -20 -85 +25 +3 MAX UNIT V mA mA A A V V A A mA mA A V mV
AUI disable voltage at RXI Differential output voltage - non idle at RX+ and CD6 Differential output voltage imbalance - idle at RX and CD7 Output common mode voltage at RX and CD Receiver squelch threshold Transmitter squelch threshold Shunt resistance at RXI non-transmitting Input capacitance at RXI8
-3.5 1100 40
V mV mV V mV mV k
RXI = 0V VRXI average DC (CDS = 0V) (VTX+ - VTX-) peak
-4.0 -150 -175 100
-5.5 -250 -225
-7.0 -350 -275
1 7.5 10 6 20
2
pF k k k
Shunt resistance at TXO transmitting Differential impedance at RX and CD with no coaxial cable connected Differential impedance at TX
NOTES: 1. Currents flowing into device pins are positive. All voltages are referenced to ground unless otherwise specified. For ease of interpretation, the parameter limit that appears in the MAX column is the largest value of the parameter, irrespective of sign. Similarly, the value in the MIN column is the smallest value of the parameter, irrespective of sign. 2. All typicals are for VEE = -9V and TA = 27C. 3. ITDC is measured as (VMAX + VMIN)/(2 x 25) where VMAX and VMIN are the max and min voltages at TXO with a 25 load between TXO and GND. ITAC is measured as (VMAX - VMIN)/(2 x 25). 4. The TXO pin shall continue to sink at least ITDC min when the idle (no signal) voltage on this pin is -3.7V. 5. Collision threshold for an AC signal is within 5% of VCD. 6. Measured on secondary side of isolation transformer. The transformer has a 1:1 turns ratio with an inductance between 30 and 100H at 5MHz. 7. Measured as the voltage difference between the RX pins or the CD pins with the transformer removed. 8. Not 100% tested in production.
1995 May 1
4
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
TIMING CHARACTERISTICS
VEE = -9V +6%; TA = 0 to 70C, unless otherwise specified1. No external isolation diode on TXO. LIMITS SYMBOL tRON tRD tRR tRF tOS tRJ tRHI tRM tTST PARAMETER Receiver start up delay RXI to RX (Figure 3) First received bit on RX First validly timed bit on RX Receiver prop. delay RXI to RX Differential output rise time on RX and CD2,3 VRXI = -2V peak 20 5 5 1 2 Measured to +210mV tRF - tRR VTX+ = -1V peak 200 0.1 1 6 850 2 2 tTST + 2 VTX+ = 1V peak 5 20 20 20 25 25 0 0 VTX = 1V peak VTX+ = 1V peak 0V to -2V step at RXI -2V to 0V step at RXI Measured to +210mV 200 8.5 35 0.6 0.5 20 250 10 10 125 50 30 30 2 2 35 200 13 16 850 11.5 70 1.6 1.5 60 650 TEST CONDITIONS VRXI = -2V peak MIN TYP 3 MAX 5 tRON +2 50 7 7 UNIT bits bits ns ns ns s ns ns ns bits bits ns ns ns ns ns ns ns bits bits ns MHz ns s s ms ms
Differential output fall time on RX and CD2,3 Differential output settling time on RX and CD to VOB = 40mV2 (see Figure 4) Receiver and cable total jitter Receiver high to idle time Rise and fall time matching on RX+ and CD+ Transmitter start-up delay TX to TXO (Figure 5) First transmitted bit on TXO First validly timed bit
tTD tTR tTF tTM tTS tTON tTOFF tCON tCOFF tCHI fCD tCP tHON tHW tJA tJR
Transmitter prop delay TX to TXO (see Figure 5) Transmitter rise time 10% to 90% (see Figure 5) Transmitter fall time 10% to 90% (see Figure 5) tTF - tTR mismatch5
Transmitter added skew4,5 Transmitter turn on pulse width (see Figure 5) Transmitter turn off pulse width (see Figure 5) Collision turn on delay (see Figure 6) Collision turn off delay (see Figure 6) Collision high to idle time (see Figure 6) Collision frequency (see Figure 6) Collision signal pulse width (see Figure 6) Heartbeat turn on delay (see Figure 7) Heartbeat test duration (see Figure 7) Jabber activation delay measured from TX to CD (see Figure 8) Jabber reset delay measured from TX to CD (see Figure 8)
NOTES: 1. All typicals are for VEE = -9V and TA = 27C. 2. Measured on secondary side of isolation transformer (see Figure 2). The transformer has a 1:1 turn ratio with an inductance between 30 and 100H at 5MHz. 3. The rise and fall times are measured as the time required for the differential voltage to change from -225mV to +225mV, or +225mV to -225mV, respectively. 4. Difference in propagation delay between rising and falling edges at TXO. 5. Not 100% tested in production.
1995 May 1
5
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
FUNCTIONAL DESCRIPTION
The NE83C92 is a low power BiCMOS coaxial Ethernet transceiver which complies with the IEEE 802.3 specification and offers the following features: 1. Low current consumption of typically 15mA when idling and 70mA while transmitting and no collision allows smaller DC-DC converter to be used for the isolated power supply. (No external pull-down resistors.) 2. Automatic selection of the AUI connector (for remote MAU) instead of the direct local (Thin) coaxial connection is possible by automatically placing the AUI drivers in high-impedance state when the local coaxial cable is disconnected. This eliminates the need for changing a jumper position on the Ethernet board when selecting either one of the connections. (Automatic selection of the local (Thin) connection is done by disconnecting the AUI cable and reconnecting the local coaxial one, which allows the NE83Q92 to automatically activate itself.) 3. High-efficiency AUI drivers for the RX and CD ports automatically power down when idling and are powered up when a receive signal is detected. This is very important/useful for power sensitive applications such as lap-top computers or PCMCIA cards. 4. The NE83C92 advanced AUI driver (RX and CD) design does require external pull-down resistors (500) to drive a terminated (78) AUI cable. However, these drivers will operate correctly without the external resistors for integrated/local MAU applications where no AUI cable is used. Hence, they can be retro-fitted into existing 8392 designs with or without external pull-down resistors depending on the application. An extra current of 7mA/output (for 500 resistors) would be generated, by these resistors, regardless of whether the transceiver is idle or responding to traffic.
The differential line driver provides typically +900mV signals to the DTE with less than 7ns rise and fall times. When in idle state (no received signal) its outputs provide <20mV differential voltage offset to minimize DC standing current in the isolation transformer.
Transmitter Functions
The transmitter has differential inputs and an open collector current driver output. The differential input common mode voltage is established by the CTI and should not be altered by external circuitry. Controlled rise and fall times of 25ns (+5ns) minimize higher harmonic components in the transmitted spectrum, while matching of these rise and fall times to typically 2ns minimizes signal jitter. The drive current levels of the CTI are set by an on-chip bandgap voltage reference and an external 1% resistor. An on-chip isolation diode is provided to reduce the transmitter's coaxial cable load capacitance. For Thin Ethernet applications, no further external isolation diode is required, since the NE83C92 meets the capacitive loading specifications. For Ethernet applications a further external diode should be added to reduce loading capacitance. The transmitter squelch circuit ensures that the transmitter can only be enabled if the transmitted packet begins with a 01 bit sequence where the negative-going differential signals are typically greater than 225mV in magnitude and 25ns in duration. The transmitter will be disabled at the end of a packet if there are no negative going signals of greater than 225mV for more than typically 150ns. Figure 5 illustrates transmitter timing.
Collision Functions
The collision detection scheme implemented in the NE83C92 is receive mode detection, which detects a collision between any two stations on the network with certainty at all times, irrespective of whether or not the local DTE is producing one of the colliding signals. This is the only detection scheme allowed by the IEEE 802.3 standard for both repeater and non-repeater nodes. The collision circuitry consists of the 4-pole Bessel low pass filter, a comparator, a precision voltage reference that sets up the collision threshold, a heartbeat generator, a 10MHz oscillator, and a differential line driver. The collision comparator monitors the DC level at the output of the low pass filter and enables the line driver if it is more negative than the collision threshold. A collision condition is indicated to the DTE by a 10MHz oscillation signal at the CD outputs and typically occurs within 700ns of the onset of the collision. The collision signal begins with a negative-going pulse and ends with a continuous high-to-idle state longer than 170ns. Figure 6 illustrates collision timing. At the end of every transmission, the heartbeat generator creates a pseudo collision to ensure that the collision circuitry is properly functioning. This pseudo collision consists of a 1s burst of 10MHz oscillation at the line driver outputs approximately 1s after the end of the transmission. The heartbeat function can be disabled externally by connecting the HBE (heartbeat enable) to VEE. This allows the CTI to be used in repeater applications. Figure 7 illustrates heartbeat timing.
Receiver Functions
The receiver consists of an input buffer, a cable equalizer, a 4-pole Bessel low pass filter, a squelch circuit and a differential line driver. The buffer provides high input resistance and low input capacitance to minimize loading and reflections on the coaxial cable. The equalizer is a high pass filter that compensates for the low pass effect of the coaxial cable and results in a flatband response over all signal frequencies to minimize signal distortion. The 4-pole Bessel low pass filter extracts the average DC voltage level on the coaxial cable for use by the receiver squelch and collision detection circuits. The receiver squelch circuit prevents noise on the coaxial cable from falsely triggering the receiver in the absence of a true signal. At the beginning of a packet, the receiver turns on when the DC level from the low pass filter exceeds the DC squelch threshold and the received packet has started with a 01 bit sequence with acceptable timing parameters. For normal signal levels this will take less than 500ns, or 5 bits. However, at the end of a packet, a fast receiver turn off is needed to reject both dribble bits on the coaxial cable and spurious responses due to settling of the on-chip bandpass filter. This is accomplished by an AC timing circuit that disables the receiver if the signal level on the coaxial cable remains high for typically 250ns and only enables the receiver again after approximately .5s. Figures 3 and 4 illustrate receiver timing. 1995 May 1 6
Jabber Functions
The jabber timer monitors the transmitter and inhibits transmission if it is active for longer than typically 30ms. The jabber circuit then enables the collision outputs for the remainder of the data packet and for typically 450ns (unjab time) after it has ended. At this point the transmitter becomes uninhibited. Figure 8 illustrates jabber timing.
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
POR/Under Voltage Lockout/AUI Selection
The transmit and receive squelch circuits of the NE83C92 remain active if the absolute value of VEE is less than the threshold for under voltage lockout, VUVL. This prevents glitches from appearing on either the AUI or coaxial cable during power up and power down. There is no collision announcement during power up and the transceiver waits for 400ms before becoming enabled. If RXI is disconnected from the coaxial cable after power-up, its voltage will fall towards VEE. If the absolute value of this voltage exceeds the AUI disable voltage, VDIS, for longer than 800ms, the transmit and receive squelch circuits remain active and, in addition, the AUI drivers become high impedance. This permits AUI connections to be hard wired together, e.g., the coaxial transceiver and 10BASE-T transceiver, with the signal path determined by which transceiver is connected to its external cable. There is a 400ms collision announcement on disconnecting RXI, but there is no announcement on re-connection. This feature can be disabled by pulling RXI up with a 200k to ground.
Detection of Coaxial Cable Faults
In the NE83C92 there is no internal loopback path from the TX inputs to the RX outputs. This means that, when the local DTE is transmitting, the signal will only be present at the receiver outputs RX+ and RX- if it appears on the coaxial cable and is larger than the receiver squelch threshold VRS. If a short circuit fault condition occurs at the cable connector to the CTI, then no signal will appear at the receiver outputs. In the case of an open circuit at the coaxial cable connector there will also be no signal at the receiver outputs due to the AUI disabling mode of the NE83Q92. However, a heartbeat signal will be present following a transmission attempt for the short circuit condition, but not for the open circuit. A coaxial cable with only a single 50 termination will generate a collision not only at every transmission attempt, but also for every reception attempt due to the receive mode collision detection of the NE83C92.
AUI CABLE
12 TO 15V DC
DC TO DC CONVERTER <200mA
+
9V (ISOLATED)
-
500 (NOTE 4)
1 COLLISION PAIR
16
500 500 500
78 2 15
DTE
T1 (NOTE 1) (NOTE 3) 4 RECEIVE PAIR 13 CD+ 1 78 5 12 CD- 2 RX+ 3 VEE VEE 7 TRANSMIT PAIR 8 9 78 10 RX- 6 TX+ 7 TX- 8 9 10 HBE (NOTE 5) 11 4 5 15 14 13 12 RR+ 1k 1% GND 16 CDS TXO RXI VEE RR- 200k (NOTE 2) COAX
NE83C92
CTI
NOTES: 1. T1 is a 1:1 pulse transformer, with an inductance of 30 to 100H. 2. IN916 or equivalent for Ethernet, not required for Thin Ethernet. 3. 78 resistors not required if AUI cable not present. 4. Not required for optimal integrated/local MAU application (No AUI cable, see Note 3), minimum current consumption. 5. Install 200k to disable the 400ms collision announcement when disconnecting cable.
SD00309
Figure 1. Connection Diagram for Standard 8392 Applications 1995 May 1 7
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
COAX
MAU
NE83C92 COAX TRANSCEIVER INTERFACE I S O L A T I O N
(OPTIONAL) (AUI CABLE)
SERIAL NETWORK INTERFACE
NETWORK INTERFACE CONTROLLER
B U S
DTE
MAU = Medium Attachment Unit AUI Cable = Attachment Unit Interface Cable (not used in Thin Ethernet applications)
SD00310
Figure 2. Interface Diagram for Ethernet/Thin Ethernet Local Area Network
RXI
1
2 3 4 PHASE VIOLATION ALLOWED
5
6 VALID TIMING
7
8
9 tRD
10
11
90% RX+ 10% 5 tRON+2 tRON tTR 6 7 8 9 tTF tRR 10 tRF 11
SD00306
Figure 3. Receiver Timing
RXI tOS tRHI
RX+
SD00279
Figure 4. Receiver End-of-Packet Timing
tTST+2 tTST TX+ 1 tTON TXO 2 3 4 5 6 7 8 9 10 11 100ns tTOFF
tTD
90% 10% 1 2 3 4 5 6 7 8 9 tTR 10 11 tTF tRF
tRR
SD00305
Figure 5. Transmitter Timing 1995 May 1 8
Philips Semiconductors
Product specification
Low-power coaxial Ethernet transceiver
NE83C92
RXI
0V
-2V tCON tCOFF tCHI
CD+
1/FCD
tCP
SD00280
Figure 6. Collision Timing
TX+
tHON
tHW
CD+
SD00281
Figure 7. Heartbeat Timing
TX+ tJA tJR TXO
CD+
SD00282
Figure 8. Jabber Timing
1995 May 1
9


▲Up To Search▲   

 
Price & Availability of NE83C92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X